Part Number Hot Search : 
74LS27M EER40F 60R165CP BB102M P302G 22241 UA776MN SMA160
Product Description
Full Text Search
 

To Download MTD2003F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
Stepping Motor Driver ICs
MTD Series
MTD2003F
FEATURES
Constant-current chopping function
OUTLINE DIMENSIONS
Case : HSOP-28 (Unit : mm)
(Frequency fixed, separate-oscillation) 4-phase input (with inhibit for simultaneously turn ON) Current levels can be selected in 2 bit digital signal A noise cancel function is provided (No externally attached filter needed) Protection for penetration current Built-in overheating protection Built-in flywheel diodes
RATINGS
Absolute Maximum Ratings (Ta=25) Item
Output Voltage Output Current LogicSupplyVoltage LogicInputVoltage Total Power Dissipation Junction Temperature Storage Temperature
Symbol VCEO(SUS) IO VCC VIN PT Tj Tstg
Symbol Test Conditions VCE(sat)H Io=1.0A VCE(sat)L Io=1.0A IrH Vmm=30V,Vout=0V IrL Vout=30V,VRS=0V ICC(OFF) VCC=5V,IN="H,H"or"L,L" ICC(ON) VCC=5V VINH VCC = 5V VINL VCC = 5V lINH VCC = 5V,VIN=5V lINL VCC = 5V,VIN=0V V(Io,II)H VCC=5V V(Io,II)L VCC=5V I(Io,II)H VCC=5V,V(Io,II)=5V I(Io,II)L VCC=5V,V(Io,II)=0V VS1 VCC=Vr=5V,V(Io)=0V,V(II)=0V VS2 VCC=Vr=5V,V(Io)=5V,V(II)=0V VS3 VCC=Vr=5V,V(Io)=0V,V(II)=5V Iref VCC=5V,Vr=5V Isense VCC=5V,VS=0V tb VCC=5V,Ct=3300pF TTSD
Ratings 30 1.2 06 0VCC 3 150 -40150
min. typ. 1.2 0.7
Unit V A V V W
max.
1.4 1.0 10 10 15 50 25 65 Vcc 0.6 10 -3 -20 Vcc 0.6 10 -75 -100 0.525 0.378 0.187 650 -10
Electrical Characteristics (Ta=25) Item
Output Saturation Voltage(Upper side) Output Saturation Voltage(Lower side) Output Leakage Current(Upper side) Output Leakage Current(Lower side) Logic Supply Current(Standby) Logic Supply Current(All Circuit ON) Input High Voltage Input Low Voltage Logic High Input Current Logic Low Input Current Io,II"H"Input Voltage Io,II"L"Input Voltage Io,II"H"Input Current Io,II"L"Input Current Current Sensor Threshold(100%) Current Sensor Threshold(70%) Current Sensor Threshold(33%) Reference Input Current Input Current(Current Sensor) Pulse Blanking Time Thermal Shutdown Temperature
2.7 GND
2.7 GND
0.475 0.322 0.153
0.5 0.35 0.17 500 -1 1.55 150
Unit V V A A mA mA V V A A V V A A V V V A A s
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
Stepping Motor Driver ICs
Equivalent CircuitBasic Application Circuit
MTD2003F
Pin Assignment
True Table
IN 1 or 4 L L H H IN 2 or 3 L H L H Out 1 or 4 OFF L H OFF Out 2 or 3 OFF H L OFF
Recommended Parts Value
Symbol Rs Rt Ct Vr Recommended Value 0.68 18 3300 Vcc Unit k pF V
True Table for Current Chopping Level
Io L H L H I1 L L H H Current Level 100 70 33 0 VrefV Vr=5V 0.55 0.358 0.1710
Setting of Output Current and Chopping Frequency
Fig.1 shows constant current chopping wave form. Fig.1 Constant current wave form (Motor current / phase) Output Current setting
Io(100%) =
Vr - 0.015 10Rs
Chopping Frequency Setting
f=
1 0.72CtRt
Recommended Operating Conditions Ta=25
Item Motor Supply Voltage Output Current Logic Supply Voltage Chopping Frequency Operating Temperature Symbol Vmm Io Vcc fchop Top min. typ. max. 27 0.8 5.25 120 Unit V A V kHz
4.75 20 -25
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd


▲Up To Search▲   

 
Price & Availability of MTD2003F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X